Part Number Hot Search : 
24C02 T9173AN1 RF205 UY2043 ST6306 CM6150 MBT44 2N883
Product Description
Full Text Search
 

To Download BYV36CGP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BYV36AGP THRU BYV36EGP
SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER
VOLTAGE200 - 1000V CURRENT: 1.5A
FEATURE
High temperature metallurgic ally bonded construction Sintered glass cavity free junction Capability of meeting environmental standard of MIL-S-19500 High temperature soldering guaranteed 350C /10sec/0.375"lead length at 5 lbs tension Operate at Ta =35C with no thermal run away Typical Ir<0.1A
DO-15
MECHANICAL DATA
Terminal: Plated axial leads solderable per MIL-STD 202E, method 208C Case: Molded with UL-94 Class V-0 recognized Flame Retardant Epoxy Polarity: color band denotes cathode Mounting position: any Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(single-phase, half-wave, 60HZ, resistive or inductive load rating at 25C, unless otherwise stated)
SYMBOL
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC blocking Voltage Reverse avalanche breakdown voltage at IR = 0.1 mA Maximum Average Forward Rectified Ttp = 60 C; lead length = 10 mm; Peak Forward Surge Currentt = 10 ms half sine wave; Tj = Tj max Maximum Forward Voltage at rated Forward Current and 50C Non-repetitive peak reverse avalanche energy (Note 1) Maximum DC Reverse Current Ta =25C at rated DC blocking voltage Ta =150C Maximum Reverse Recovery Time (Note 2) Typical Junction Capacitance (Note 3) Typical Thermal Resistance (Note 4) Storage and Operating Junction Temperature Vrrm Vrms Vdc
BYV36A GP
200 140 200 300
BYV36B GP
400 280 400 500 1.6
BYV36C GP
600 420 600 700
BYV36D GP
800 560 800 900 1.5
BYV36E GP
1000 700 1000 1100
units
V V V V A A
V(BR)R
(min)
If(av) Ifsm Vf ERSM Ir Trr Cj Rja Tstg, Tj
30 1.35 10 5.0 150.0 100 45 55.0 -65 to +175 150 40 1.45
V mJ A A nS pF C /W C
Note: 1.R=400mA; Tj=Tjmax prior to surge; inductive load switched off 2.Reverse Recovery Condition If =0.5A, Ir =1.0A, Irr =0.25A 3.Measured at 1.0 MHz and applied reverse voltage of 4.0Vdc 4.Thermal Resistance from Junction to Ambient at 3/8"lead length, P.C. Board Mounted
Rev.A6
www.gulfsemi.com
RATINGS AND CHARACTERISTIC CURVES BYV36AGP THRU BYV36EGP
1
1
Rev.A6
www.gulfsemi.com


▲Up To Search▲   

 
Price & Availability of BYV36CGP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X